Part Number Hot Search : 
PEF20571 BLD128DD N4099 B3234 08226 SM7644HX BA5968FP BA5968FP
Product Description
Full Text Search
 

To Download RY21000505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Miniature Power PCB Relay RY II
I I I I I I I I I
1 pole 8 A, 1 CO or 1 NO or 1 NC contact Low component height 12.3 mm 5 kV / 8 mm coil-contact Reinforced insulation (protection class II) Pinnings: 3.2 and 5 mm Sockets with PCB-type or screw-type terminals Especially suitable for resistive and inductive loads on NO and NC contacts Plastic materials according to IEC60335-1 (domestic appliances) RoHS compliant (Directive 2002 / 95 / EC) as per product date code 0403
F0142-C
Applications: heating control, interface technology, domestic appliances, timers, temperature control
Approvals
V REG.-Nr.of5358, Z on request E214025 Technical data approved types
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Contact material Mechanical endurance Rated frequency of operation with / without load Contact Type RY610 RY610 RY610 RY610 RY610 RY610 RY531 ratings Load B300, 120 VAC, 70C, UL508 B300, 240 VAC, 70C, UL508 1/4 hp, 120 VAC, 70C, UL508 1/2 hp, 240 VAC, 70C, UL508 8 A, 28 VDC,70C, UL508 0.28 A, 250 VDC, 70C, UL508 6 (4) A,250 VAC, 85C, VDE 0631 1CO or 1NO or 1NC single contact micro disconnection 8A 240/400 VAC 2000 VA AgNi0,15, AgSnO2, AgCdO 30x106 cycles 6 / 1200 min-1
Cycles
>3x104 >3x104 1x105
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range 5...60 VDC typ. 220 mW 2
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.5 0.5 112+10% 223 006 6 4.2 0.6 162+10% 222 009 9 6.3 0.9 320+10% 253 012 12 8.4 1.2 627+10% 230 024 24 16.8 2.4 2350+10% 245 048 48 33.6 4.8 9391+10% 245 060 60 42.0 6.0 14000+10% 257 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Miniature Power PCB Relay RY II (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category
CO contact
NO contact
PCB layout / terminal assignment
Bottom view on solder pins
5000 Vrms 1000 Vrms W 8 / 8 mm W 8 / 8 mm IIIa IIIa PTI250 PTI250 reinforced functional 250 V 3 230 V III 2 400 V reinforced functional 250 V 3 230 / 400 V III
1 CO contact, 3.2 mm
S0254-AA
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0403 Flammability class according to UL94 V-0 For WG version: GWFI to IEC 60335-1 > 850 C GWT to IEC 60335-1 > 750 C Ambient temperature range -40...+70C Ambient temperature max. 85C at 6A Operate- / release time typ. 7 / 3 ms Bounce time NO / NC contact 2,5 / 4,5 ms Vibration resistance (function) NO / NC contact 20 / 5 g Shock resistance (function) NO / NC contact 20 / 5 g Shock resistance (destruction) 100 g Category of protection RTII-flux proof, RTIII- wash tight Mounting pcb Mounting position any Minimum mounting distance 0 mm Resistance to soldering heat flux-proof version 270C / 10 s wash-tight version 260C / 5 s Relay weight 8g Packaging unit 20 / 500 pcs
S0254-AB
1 NO contact, 5 mm
S0254-AC
Accessories
For details see datasheet Accessories RYII
S0254-AD
Dimensions
Pinning 3.2 mm
Pinning 5 mm
S0274-AA
S0274-AB
Product key Type Version 2 pinning 3.2 mm, flux proof 6 5 pinning 5 mm, flux proof A Contact configuration 1 1 CO contact, pinning 3.2 mm 3 Contact material 0 AgCdO 2 1 AgNi 0.15 3 Coil Coil code: please refer to coil versions table Other types on request
RY
pinning 3.2 mm, wash tight pinning 5 mm, wash tight 1 NO contact, pinning 5 mm AgNi 0.15 gold plated AgSnO2
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Miniature Power PCB Relay RY II (Continued)
Product key RY210005 RY210012 RY210024 RY210048 RY211005 RY211012 RY211024 RY211048 RY212005 RY212012 RY212024 RY212048 RY213005 RY213012 RY213024 RY213048 RY530005 RY530012 RY530024 RY530048 RY531005 RY531012 RY531024 RY531048 RY532012 RY532024 RY533012 RY533024 RY533048 RY610005 RY610012 RY610024 RY610048 RY611005 RY611012 RY611024 RY611048 RY612005 RY612012 RY612024 RY612048 RY613005 RY613012 RY613024 RY613048 RYA30005 RYA30012 RYA30024 RYA30048 RYA31005 RYA31012 RYA31024 RYA31048 RYA32005 RYA32012 RYA32024 RYA33005 RYA33024
Version pinning 3.2 mm flux proof
Contacts 1 CO contact
Contact material AgCdO
AgNi 0.15
AgNi 0.15 gold plated AgSnO2
pinning 5 mm flux proof
1 NO contact
AgCdO
AgNi 0.15
AgNi 0.15 gold plated AgSnO2 pinning 3.2 mm wash tight 1 CO contact AgCdO
AgNi 0.15
AgNi 0.15 gold plated AgSnO2
pinning 5 mm wash tight
1 NO contact
AgCdO
AgNi 0.15
AgNi 0.15 gold plated AgSnO2
Coil 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 12 VDC 24 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 48 VDC 5 VDC 12 VDC 24 VDC 5 VDC 24 VDC
Part number 3-1393224-1 3-1393224-5 3-1393224-8 4-1393224-1 4-1393224-2 4-1393224-6 4-1393224-9 5-1393224-1 5-1393224-2 5-1393224-5 5-1393224-8 5-1393224-9 6-1393224-0 6-1393224-1 6-1393224-2 6-1393224-3 6-1393224-6 6-1393224-9 7-1393224-2 7-1393224-4 7-1393224-6 7-1393224-9 8-1393224-2 8-1393224-3 8-1393224-4 8-1393224-5 8-1393224-8 8-1393224-9 9-1393224-0 0-1393225-7 1-1393225-0 1-1393225-4 1-1393225-5 1-1393225-7 1-1393225-9 2-1393225-1 2-1393225-2 2-1393225-3 2-1393225-6 2-1393225-9 3-1393225-0 5-1419136-2 3-1393225-1 3-1393225-3 3-1393225-4 0-1393224-1 0-1393224-4 0-1393224-6 7-1393225-7 0-1393224-7 0-1393224-9 1-1393224-2 1-1393224-3 1-1393224-4 1-1393224-6 1-1393224-8 1-1393224-9 2-1393224-1
3
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of RY21000505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X